Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 79 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 75Page - Texas Instruments DP83620 Datasheet HTML 76Page - Texas Instruments DP83620 Datasheet HTML 77Page - Texas Instruments DP83620 Datasheet HTML 78Page - Texas Instruments DP83620 Datasheet HTML 79Page - Texas Instruments DP83620 Datasheet HTML 80Page - Texas Instruments DP83620 Datasheet HTML 81Page - Texas Instruments DP83620 Datasheet HTML 82Page - Texas Instruments DP83620 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.1.12 MII Interrupt Status and Event Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since
the last read of this register, the corresponding status bit will be set. If the corresponding enable bit in the
register is set, an interrupt will be generated if the event occurs. The MICR register controls must also be
set to allow interrupts. The status indications in this register will be set even if the interrupt is not enabled.
Table 10-14. MII Interrupt Status and Event Control Register (MISR), address 0x12
Bit
Bit Name
Default
Description
15
LQ_INT
0, RO/COR
Link Quality Interrupt:
1 = Link Quality interrupt is pending and is cleared by the current read.
0 = No Link Quality interrupt pending.
14
ED_INT
0, RO/COR
Energy Detect Interrupt:
1 = Energy detect interrupt is pending and is cleared by the current read.
0 = No energy detect interrupt pending.
13
LINK_INT
0, RO/COR
Change of Link Status Interrupt:
1 = Change of link status interrupt is pending and is cleared by the current read.
0 = No change of link status interrupt pending.
12
SPD_INT
0, RO/COR
Change of Speed Status Interrupt:
Change of speed status interrupt.
1 = Speed status change interrupt is pending and is cleared by the current read.
0 = No speed status change interrupt pending.
11
DUP_INT
0, RO/COR
Change of Duplex Status Interrupt:
Change of duplex status interrupt. This function is selected if MICR[3] is set to 0.
1 = Duplex status change interrupt is pending and is cleared by the current read.
0 = No duplex status change interrupt pending.
10
ANC_INT
0, RO/COR
Auto-Negotiation Complete Interrupt:
1 = Auto-negotiation complete interrupt is pending and is cleared by the current
read.
0 = No Auto-negotiation complete interrupt pending.
9
FHF_INT
0, RO/COR
False Carrier Counter Half-Full Interrupt:
or
False carrier counter half-full interrupt. This function is selected if the PHYCR2[8:7]
CTR_INT
are both 0.
1 = False carrier counter half-full interrupt is pending and is cleared by the current
read.
0 = No false carrier counter half-full interrupt pending.
CTR Interrupt:
False carrier or Receive Error counter half-full interrupt. This function is selected if
either of PHYCR2[8:7] are set.
1 = False carrier or receive error counter half-full interrupt is pending and is cleared
by the current read.
0 = No false carrier or receive error counter half-full interrupt pending.
8
RHF_INT
0, RO/COR
Receive Error Counter half-full interrupt:
or
Receive error counter half-full interrupt. This function is selected if the
PCF_INT
PHYCR2[8:7] are both 0.
1 = Receive error counter half-full interrupt is pending and is cleared by the current
read.
0 = No receive error carrier counter half-full interrupt pending.
PCF Interrupt:
PHY Control Frame interrupt. This function is selected if either of PHYCR2[8:7] are
set.
1 = PHY Control Frame interrupt is pending and is cleared by the current read.
0 = No PHY Control Frame interrupt pending.
7
LQ_INT_EN
0, RW
Enable Interrupt on Link Quality Monitor event.
6
ED_INT_EN
0, RW
Enable Interrupt on energy detect event.
5
LINK_INT_EN
0, RW
Enable Interrupt on change of link status.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
79
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com