Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 85 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 81Page - Texas Instruments DP83620 Datasheet HTML 82Page - Texas Instruments DP83620 Datasheet HTML 83Page - Texas Instruments DP83620 Datasheet HTML 84Page - Texas Instruments DP83620 Datasheet HTML 85Page - Texas Instruments DP83620 Datasheet HTML 86Page - Texas Instruments DP83620 Datasheet HTML 87Page - Texas Instruments DP83620 Datasheet HTML 88Page - Texas Instruments DP83620 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.2.6 PHY Control Register (PHYCR)
This register provides control for PHY functions such as MDIX, BIST, LED configuration, and PHY
address. It also provides Pause Negotiation status.
Table 10-21. PHY Control Register (PHYCR), address 0x19
Bit
Bit Name
Default
Description
15
MDIX_EN
1, RW
Auto-MDIX Enable:
1 = Enable Auto-neg Auto-MDIX capability.
0 = Disable Auto-neg Auto-MDIX capability.
14
FORCE_MDIX
0, RW
Force MDIX:
1 = Force MDI pairs to cross.
(Receive on TD pair, Transmit on RD pair)
0 = Normal operation.
13
PAUSE_RX
0, RO
Pause Receive Negotiated:
Indicates that pause receive should be enabled in the MAC. Based on ANAR[11:10]
and ANLPAR[11:10] settings.
This function shall be enabled according to IEEE 802.3 Annex 28B Table 28B-3,
“Pause Resolution”, only if the Auto-Negotiated Highest Common Denominator is a
full duplex technology.
12
PAUSE_TX
0, RO
Pause Transmit Negotiated:
Indicates that pause transmit should be enabled in the MAC. Based on ANAR[11:10]
and ANLPAR[11:10] settings.
This function shall be enabled according to IEEE 802.3 Annex 28B Table 28B-3,
Pause Resolution, only if the Auto-Negotiated Highest Common Denominator is a
full duplex technology.
11
BIST_FE
0, RW/SC
BIST Force Error:
1 = Force BIST Error.
0 = Normal operation.
This bit forces a single error, and is self clearing.
10
PSR_15
0, RW
BIST Sequence select:
1 = PSR15 selected.
0 = PSR9 selected.
9
BIST_STATUS
0, LL/RO
BIST Test Status:
1 = BIST pass.
0 = BIST fail. Latched, cleared when a BIST failure occurs or BIST is stopped.
For a count number of BIST errors, see the BIST Error Count in the CDCTRL1
Register.
8
BIST_START
0, RW
BIST Start:
Writes:
1 = BIST start. Writing 1 to this bit enables transmission of BIST packets and
enables the receive BIST engine to start looking for packet traffic.
0 = BIST stop. Stop the BIST. Writing 0 to this bit also clears the BIST_STATUS bit.
Reads:
1 = BIST active. This bit reads 1 after the transmit BIST engine has been enabled
and the receive BIST engine has detected packet traffic.
0 = BIST inactive. This bit will read 0 if the BIST is disabled or if the BIST is enabled
but no receive traffic has been detected.
7
BP_STRETCH
0, RW
Bypass LED Stretching:
This will bypass the LED stretching and the LEDs will reflect the internal value.
1 = Bypass LED stretching.
0 = Normal operation.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
85
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com