Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 59Page - Texas Instruments DP83620 Datasheet HTML 60Page - Texas Instruments DP83620 Datasheet HTML 61Page - Texas Instruments DP83620 Datasheet HTML 62Page - Texas Instruments DP83620 Datasheet HTML 63Page - Texas Instruments DP83620 Datasheet HTML 64Page - Texas Instruments DP83620 Datasheet HTML 65Page - Texas Instruments DP83620 Datasheet HTML 66Page - Texas Instruments DP83620 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
50:
50:
130:
130:
0.1 PF
0.1 PF
Vdd
130:
130:
130:
All values are typical and are +/- 1%
PLACE RESISTORS AND
CAPACITORS CLOSE TO
THE DEVICE
PLACE RESISTORS
CLOSE TO THE FIBER
TRANSCEIVER
FXTDP
FXTDM
FXSD
FXRDP
FXRDM
80:
80:
80:
80:
80:
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
9.2
FIBER NETWORK CIRCUIT
Figure 9-2 shows the recommended circuit for a 100 Mb/s fiber pair interface.
Figure 9-2. 100 Mb/s Fiber Pair Interface
9.3
ESD PROTECTION
Typically, ESD precautions are predominantly in effect when handling the devices or board before being
installed in a system. In those cases, strict handling procedures need be implemented during the
manufacturing process to greatly reduce the occurrences of catastrophic ESD events. After the system is
assembled, internal components are less sensitive from ESD events.
The network interface pins are more susceptible to ESD events.
9.4
CLOCK IN (X1) RECOMMENDATIONS
The DP83620 supports an external CMOS level oscillator source or a crystal resonator device.
Oscillator
If an external clock source is used, X1 should be tied to the clock source and X2 should be left floating.
The CMOS 25 MHz oscillator specifications for MII Mode are listed in Table 9-1. For RMII Slave Mode, the
CMOS 50 MHz oscillator specifications are listed in Table 9-2. For RMII Slave mode, it is not
recommended that the system clock out, Pin 24, be used as the reference clock to the MAC without first
verifying the interface timing. See SNLA076 for more details.
Copyright © 2011–2013, Texas Instruments Incorporated
Design Guidelines
63
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com