Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 18Page - Texas Instruments DP83620 Datasheet HTML 19Page - Texas Instruments DP83620 Datasheet HTML 20Page - Texas Instruments DP83620 Datasheet HTML 21Page - Texas Instruments DP83620 Datasheet HTML 22Page - Texas Instruments DP83620 Datasheet HTML 23Page - Texas Instruments DP83620 Datasheet HTML 24Page - Texas Instruments DP83620 Datasheet HTML 25Page - Texas Instruments DP83620 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
TX_EN
TX_CLK
COL
T2.17.2
T2.17.1
T2.16.1
IDLE
1
0
1
PMD Input
Pair
RX_CLK
CRS/CRS_DV
Data
SFD
Preamble
0000
T2.15.3
T2.15.2
T2.15.1
1
0
1
0
1
0
1
0
1
0
1
1
PMD
Input Pair
CRS/CRS_DV
RX_DV
RXD[3:0]
1st SFD bit decoded
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
4.19 AC Specifications — 10BASE-T MII Receive Timing (Start of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.15.1
Carrier Sense Turn On Delay (PMD
630
1000
ns
Input Pair to CRS)
T2.15.2
RX_DV Latency(1)(2)
10
bits
T2.15.3
Receive Data Latency
Measurement shown from SFD
8
bits
(1)
10BASE-T RX_DV Latency is measured from first bit of preamble on the wire to the assertion of RX_DV
(2)
1 bit time = 100 ns in 10 Mb/s mode.
4.20 AC Specifications — 10BASE-T MII Receive Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.16.1
Carrier Sense Turn Off Delay
1.0
µs
4.21 AC Specifications — 10 Mb/s Heartbeat Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.17.1
CD Heartbeat Delay
All 10 Mb/s modes
1200
ns
T2.17.2
CD Heartbeat Duration
All 10 Mb/s modes
1000
ns
22
Electrical Specifications
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com