Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 25Page - Texas Instruments DP83620 Datasheet HTML 26Page - Texas Instruments DP83620 Datasheet HTML 27Page - Texas Instruments DP83620 Datasheet HTML 28Page - Texas Instruments DP83620 Datasheet HTML 29Page - Texas Instruments DP83620 Datasheet HTML 30Page - Texas Instruments DP83620 Datasheet HTML 31Page - Texas Instruments DP83620 Datasheet HTML 32Page - Texas Instruments DP83620 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
Symbol
T2.30.1
T2.30.3
T2.30.2
T2.30.4
X1
TXD[3:0]
TX_EN
PMD Output
Pair
Valid data
T2.29.2
CLK_OUT
T2.29.1
X1
T2.29.1
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
4.33 AC Specifications — CLK_OUT Timing (RMII Slave Mode)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.29.1
CLK_OUT High/Low Time
10
ns
T2.29.2
CLK_OUT propagation delay
Relative to X1
8
ns
4.34 AC Specifications — Single Clock MII (SCMII) Transmit Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.30.1
X1 Clock Period
25 MHz Reference Clock
40
ns
T2.30.2
TXD[3:0], TX_EN Data Setup
To X1 rising edge
4
ns
T2.30.3
TXD[3:0], TX_EN Data Hold
From X1 rising edge
2
ns
T2.30.4
X1 Clock to PMD Output Pair
100BASE-TX or 100BASE-FX
13
bits
Latency (100 Mb)(1)
(1)
Latency measurement is made from the X1 rising edge to the first bit of symbol.
Copyright © 2011–2013, Texas Instruments Incorporated
Electrical Specifications
29
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com