Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 7Page - Texas Instruments DP83620 Datasheet HTML 8Page - Texas Instruments DP83620 Datasheet HTML 9Page - Texas Instruments DP83620 Datasheet HTML 10Page - Texas Instruments DP83620 Datasheet HTML 11Page - Texas Instruments DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments DP83620 Datasheet HTML 14Page - Texas Instruments DP83620 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Signal Name
Pin Name
Type
Pin #
Description
AN_EN
LED_LINK
S, O, PU
28
AUTO-NEGOTIATION ENABLE: When high, this enables Auto-
AN1
LED_SPEED/FX_S
S, O, PU
27
Negotiation with the capability set by AN0 and AN1 pins. When low, this
D
puts the part into Forced Mode with the capability set by AN0 and AN1
AN0
LED_ACT
S, O, PU
26
pins.
AN0 / AN1: These input pins control the forced or advertised operating
mode of the DP83620 according to the following table. The value on
these pins is set by connecting the input pins to GND (0) or VCC (1)
through 2.2 k
Ω resistors. These pins should NEVER be connected
directly to GND or VCC.
The value set at this input is latched into the DP83620 at Hardware-
Reset.
The float/pull-down status of these pins are latched into the Basic Mode
Control Register and the Auto_Negotiation Advertisement Register
during Hardware-Reset.
The default is 111 since these pins have internal pull-ups.
FIBER MODE DUPLEX SELECTION: If Fiber mode is strapped using
the FX_EN_Z pin (FX_EN_Z = 0), the AN0 strap value is used to select
half or full duplex. AN_EN and AN1 are ignored in Fiber mode since it
is 100 Mb only and does not support Auto-Negotiation. In Fiber mode,
AN1 should not be connected to any system components except the
fiber transceiver.
FX_EN_
AN_EN
AN1
AN0
Forced Mode
Z
1
0
0
0
10BASE-T, Half-Duplex
1
0
0
1
10BASE-T, Full-Duplex
1
0
1
0
100BASE-TX, Half-Duplex
1
0
1
1
100BASE-TX, Full-Duplex
0
X
X
0
100BASE-FX, Half-Duplex
0
X
X
1
100BASE-FX, Full-Duplex
FX_EN_
AN_EN
AN1
AN0
Advertised Mode
Z
1
1
0
0
10BASE-T, Half/Full-Duplex
1
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
1
0
100BASE-TX, Full-Duplex
1
1
1
1
10BASE-T, Half/Full-Duplex,
100BASE-TX, Half/Full-Duplex
CLK_OUT_EN
CLK_OUT_EN
S, I, PD
21
CLK_OUT OUTPUT ENABLE: When high, enables clock output on the
CLK_OUT pin at power-up.
FX_EN_Z
RX_ER
S, O, PU
41
FX ENABLE: This strapping option enables 100Base-FX (Fiber) mode.
This mode is disabled by default. An external pull-down will enable
100Base-FX mode.
LED_CFG
CRS/CRS_DV
S, O, PU
40
LED CONFIGURATION: This strapping option determines the mode of
operation of the LED pins. Default is Mode 1. Mode 1 and Mode 2 can
be controlled via the strap option. All modes are configurable via
register access. See Table 5-3 for LED Mode Selection.
MII_MODE
RX_DV
S, O, PD
39
MII MODE SELECT: This strapping option determines the operating
mode of the MAC Data Interface. Default operation is MII Mode with a
value of 0 due to the internal pulldown. Strapping MII_MODE high will
cause the device to be in RMII mode of operation.
MII_MODE
MAC Interface Mode
0
MII Mode
1
RMII Mode
PCF_EN
PCF_EN
S, I, PD
22
PHY CONTROL FRAME ENABLE: When high, allows the DP83620 to
respond to PHY Control Frames.
RMII_MAS
TXD_3
S, I, PD
6
RMII MASTER ENABLE: When MII_MODE is strapped high, this
strapping option enables RMII Master mode, in which the DP83620
uses a 25 MHz crystal connection on X1/X2 and generates the 50 MHz
RMII reference clock. If strapped low when MII_MODE is strapped high,
default RMII operation (RMII Slave) is enabled, in which the DP83620
uses a 50 MHz oscillator input on X1 as the RMII reference clock. This
strap option is ignored if the MII_MODE strap is low.
Copyright © 2011–2013, Texas Instruments Incorporated
Pin Descriptions
11
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com