Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 91 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 87Page - Texas Instruments DP83620 Datasheet HTML 88Page - Texas Instruments DP83620 Datasheet HTML 89Page - Texas Instruments DP83620 Datasheet HTML 90Page - Texas Instruments DP83620 Datasheet HTML 91Page - Texas Instruments DP83620 Datasheet HTML 92Page - Texas Instruments DP83620 Datasheet HTML 93Page - Texas Instruments DP83620 Datasheet HTML 94Page - Texas Instruments DP83620 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.3 TEST REGISTERS - PAGE 1
Page 1 Test Registers are accessible by setting bits [2:0] = 001 of PAGESEL (13h).
10.3.1 Signal Detect Configuration (SD_CNFG), Page 1
This register contains Signal Detect configuration control as well as some test controls to speed up Auto-
neg testing.
Table 10-27. Signal Detect Configuration (SD_CNFG), address 0x1E
Bit
Bit Name
Default
Description
15
RESERVED
1, RW
RESERVED: Write as 1, read as 1.
14:1
RESERVED
000, RW
RESERVED: Write as 0, read as 0.
2
11
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
10:9
RESERVED
00, RW
RESERVED: Write as 0, read as 0.
8
SD_TIME
0, RW
Signal Detect Time
Setting this bit to a 1 enables a fast detection of loss of Signal Detect.
This will result in a fast loss of Link indication. Approximate times to
detect signal detect deassertion are:
1 = 1 µs
0 = 250 µs
7:0
RESERVED
0000 0000, RW
RESERVED: Write as 0, read as 0.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
91
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com