Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 13Page - Integrated Circuit Systems ICS1531 Datasheet HTML 14Page - Integrated Circuit Systems ICS1531 Datasheet HTML 15Page - Integrated Circuit Systems ICS1531 Datasheet HTML 16Page - Integrated Circuit Systems ICS1531 Datasheet HTML 17Page - Integrated Circuit Systems ICS1531 Datasheet HTML 18Page - Integrated Circuit Systems ICS1531 Datasheet HTML 19Page - Integrated Circuit Systems ICS1531 Datasheet HTML 20Page - Integrated Circuit Systems ICS1531 Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Chapter 3
Pin Diagram and Listings
ICS1531 Rev N 12/1/99
December, 1999
17
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
3.2.3.7
Power Pins
Table 3-9.
Power Pins
Pin Name
Pin Description
VDDA
(3.3 V) Supply for Analog (Pixel PLL Circuitry).
This pin supplies 3.3 V to the analog portions of the pixel PLL circuitry.
VDDAADC
(3.3 V) Supply for Analog ADC (Circuitry).
These pins supply 3.3 V to the analog portions of the ADC.
VDDD
(3.3 V) Supply for Digital (Pixel PLL and Industry-Standard 2-Wire Serial Bus) Circuitry.
This pin supplies 3.3 V to the digital pixel PLL and circuitry for an industry-standard 2-wire serial bus
interface.
VDDDADC
(3.3 V) Supply for Digital ADC (Circuitry).
This pin supplies 3.3 V to digital portions of the ADC.
VDDMCLK
(3.3 V) Supply for Memory Clock.
This pin supplies 3.3 V to the memory clock PLL circuitry.
VDDPCLK
(3.3 V) Supply for Panel Clock.
This pin supplies 3.3 V to the panel clock PLL circuitry.
VDDQ
(3.3 V) Supply for Output Drivers.
This pin supplies 3.3 V to the output driver circuitry for the pixel PLL.
VDDQADC
(3.3 V) Supply for Output Drivers for Analog-to-Digital Converter.
These pins supply 3.3 V to the pixel data output drivers of the ADC.
VDDXTL
(3.3V) Supply for Crystal Oscillator.
This pin supplies 3.3 V to the internal crystal oscillator circuitry.
VRB
Voltage Reference Bottom.
The ADC uses this pin as a bottom reference voltage. Typically, this pin is grounded.
VRTB,
VRTG,
VRTR
Voltage Reference Top Blue, Green, Red
• The ADC uses these pins as an alternative to the blue, green, and red top reference voltages
from the internal DACs.
• Each of these pins must connect to its own separate bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com