Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 50 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 50 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 46Page - Integrated Circuit Systems ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
50
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.36
Register 34h: R_FINE
The R_FINE Register is the second adjustment for the red channel of the ADC. It is used to fine tune the
top reference used by the ADC. (See also Section 6.5.33, “Register 31h: R_COARSE”.)
6.5.37
Register 35h: G_FINE
The G_FINE Register is the second adjustment for the green channel of the ADC. It is used to fine tune the
top reference used by the ADC. (See also Section 6.5.34, “Register 32h: G_COARSE”.)
6.5.38
Register 36h: B_FINE
The B_FINE Register is the second adjustment for the blue channel of the ADC. It is used to fine tune the
top reference used by the ADC. (See also Section 6.5.35, “Register 33h: B_COARSE”.)
Table 6-35.
R_FINE Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
34:7-
34:0
R_Fine_ADJ
[7-0]
Red Fine Adjust [7-0].
These bits adjust the amount of voltage to the top reference of
the red channel of the ADC.
• 0 = Lowest-voltage value
• 255 = Highest-voltage value
R/W
–
20
Table 6-36.
G_FINE Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
35:7-
35:0
G_Fine_ADJ
[7-0]
Green Fine Adjust [7-0].
These bits adjust the amount of voltage to the top reference of
the green channel of the ADC.
• 0 = Lowest-voltage value
• 255 = Highest-voltage value
R/W
–
20
Table 6-37.
B_FINE Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
36:7-
36:0
B_Fine_ADJ
[7-0]
Blue Fine Adjust [7-0].
These bits adjust the amount of voltage to the top reference of
the blue channel of the ADC.
• 0 = Lowest-voltage value
• 255 = Highest-voltage value
R/W
–
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com