Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 37 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 37 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems ICS1531 Datasheet HTML 38Page - Integrated Circuit Systems ICS1531 Datasheet HTML 39Page - Integrated Circuit Systems ICS1531 Datasheet HTML 40Page - Integrated Circuit Systems ICS1531 Datasheet HTML 41Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
37
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.15
Register 12h: Rd_Reg
The Rd_Reg (Read Register) is used to read the lock status of the four PLLs on the ICS1531.
6.5.16
Register 13h-1Fh: Reserved
These registers are reserved. (See Section 6.1, “Reserved Bits”.)
Table 6-16.
Rd_Reg Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
12:7-
12:4
Reserved
Reserved.
Because these bits are read-only:
• These bits cannot be programmed.
• Information on these bits can be ignored.
Read
–
N/A
12:3
PNLCLK_Lock
PNLCLK Lock (Status).
• 0 = The PNLCLK is ‘unlocked’.
• 1 = The PNLCLK is ‘locked’.
Read
–
N/A
12:2
MCLK_Lock
MCLK Lock (Status).
• 0 = The MCLK is ‘unlocked’.
• 1 = The MCLK is ‘locked’.
Read
–
N/A
12:1
Pixel PLL_Lock
Pixel Phase-Locked Loop Lock (Status).
• 0 = The pixel PLL is ‘unlocked’.
• 1 = The pixel PLL is ‘locked’.
Read
–
N/A
12:0
DPA_Lock
Dynamic Phase Adjust Lock (Status).
• 0 = The DPA is ‘unlocked’.
• 1 = The DPA is ‘locked’.
Read
–
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com