Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 27 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 27 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 23Page - Integrated Circuit Systems ICS1531 Datasheet HTML 24Page - Integrated Circuit Systems ICS1531 Datasheet HTML 25Page - Integrated Circuit Systems ICS1531 Datasheet HTML 26Page - Integrated Circuit Systems ICS1531 Datasheet HTML 27Page - Integrated Circuit Systems ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
27
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
3Ah
B_COMP_OFF R/W
7-4 B_C_O_B
Select blue comparator offset, ‘B’ channel
7
3-0 B_C_O_A
Select blue comparator offset, ‘A’ channel
7
3Bh
CAL_1
R/W
7
Reserved
Reserved
0
6
ADC_DD
Select delay for all RGB data from ADC (LSB, bit 0)
0
5-3 G_CD
Select clock delay for green channel
5
2-0 R_CD
Select clock delay for red channel
5
3Ch
CAL_2
R/W
7-5 Bandgap_CAL
Calibrate bandgap voltage
5
4-3 ADC_DD
Select delay for all RGB data from ADC (MSB bits 2-1)
0
2-0 B_CD
Select clock delay for blue channel
5
Table 6-2.
Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com