Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 31 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 31 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 27Page - Integrated Circuit Systems ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
31
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.5
Register 04h: DPA Offset
The DPA Offset (Dynamic Phase Adjust Offset) Register is used to select the clock edge offset.
Figure 6-2.
DPA Offset (As Determined by Regs 04 and 05)
Table 6-7.
DPA Offset Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
04:7-
04:6
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
0
04:5-
04:0
DPA_OS [5-0]
Dynamic Phase Adjust Offset [5-0].
As Figure 6-2 shows, these bits control the amount of offset
between the rising edge of the recovered HSYNC and the rising
edge of CLK.
• The offset is in discrete steps from 0 clock periods up to 1
clock period, minus one unit of a DPA delay.
• The unit of the DPA delay depends on both the pixel clock
output frequency and the number of delay element units (as
selected by Reg 05:1-0).
R/W
–
0
HSYNC
CLK Offset when
DPA_OS [5-0] = 0
.
.
.
.
.
.
One unit of
DPA Delay
tLow
One clock period
tHigh
CLK Offset when
DPA_OS [5-0] = 1
CLK Offset when
DPA_OS [5-0] = 2
CLK Offset when
DPA_OS [5-0] = Max
tHigh
tHigh
tHigh
Fixed delay
≈ 2.5 ns
1 unit of DPA delay
2 units of DPA delay
Maximum units of DPA delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com