Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 45 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 45 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 41Page - Integrated Circuit Systems ICS1531 Datasheet HTML 42Page - Integrated Circuit Systems ICS1531 Datasheet HTML 43Page - Integrated Circuit Systems ICS1531 Datasheet HTML 44Page - Integrated Circuit Systems ICS1531 Datasheet HTML 45Page - Integrated Circuit Systems ICS1531 Datasheet HTML 46Page - Integrated Circuit Systems ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
45
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.29
Register 2Ch: OUTPUT MUX
The OUTPUT MUX Register is used to select the source for the REF pin and STATUS pin (an active-low
pin formerly called ‘LOCK’).
Table 6-29 refers to ADC_FUNC, an internally generated signal that is delayed so it is in the same domain
as the internal ADC_CLK signal. Functionally, depending on the setting of Reg 06:3, ADC_FUNC is
equivalent to either ADCSYNC (which provides recovered HSYNC) or the input HSYNC.
Table 6-29.
OUTPUT MUX Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
2C:7
High_Drive
High Drive.
This bit selects a drive strength for all analog-to-digital
converter outputs.
• 0 = Drive strength is normal strength.
• 1 = Drive strength is doubled.
––
0
2C:6
OE_OSC
Output Enable for OSCOUT.
• 0 = Disable OSCOUT output.
• 1 = Enable OSCOUT output.
R/W
–
1
2C:5-
2C:4
OSC_Sel [1-0]
OSCOUT (Multiplexer) Select [1-0].
These bits select the output from a 4-way multiplexer (MUX) to
the OSCOUT pin.
• 0 = The OSCOUT source is OSC.
• 1 = The OSCOUT source is OSC/2.
• 2 = The OSCOUT source is OSCDIVIDER.
• 3 = The OSCOUT source is a reserved value.
R/W
–
0
2C:3
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit must be programmed to ‘0’.
––
0
2C:2
REF_Sel
REF (Status) Select.
This bit selects the REF pin reference output as follows:
• 0 = The REF output source is from the input to the pixel PLL
PDINPUT (the Phase/Frequency Detector Input).
• 1 = The REF output source is from ADC_FUNC. (For more
information on ADC_FUNC, see Section 6.5.7, “Register
06h: Output Enables”.)
R/W
–
0
2C:1-
2C:0
LCKSEL [1-0]
(PLL) Lock (Status) Select [1-0].
These bits select the lock status output for the active-low
STATUS pin (formerly called ‘LOCK’.)
• 0 = The lock status output is for the pixel PLL.
• 1 = The lock status output is for the Dynamic Phase Adjust.
• 2 = The lock status output is for PNLCLK.
• 3 = The lock status output is for MCLK.
R/W
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com