Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 55 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 55 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Chapter 7
Programming
ICS1531 Rev N 12/1/99
December, 1999
55
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
7.2
Programming Flow for Modifying PLL and DPA Settings
Figure 7-2.
ICS1531 Flow for Capture/Input Clock PLL
Set DPA Output
Delay to 0
Initialize
Registers 0 and 8
Set Input, PFD Gain, Post
Scaler, and Feedback Divider
Set DPA
Resolution
PLL Software Reset
DPA Software Reset
PLL
Locked
?
Change
PLL Freq.
?
Wait ~ 1ms
Wait ~ 1ms
Enable
Desired Outputs
Regs 0 through 3
Reg4[5:0]=0
Yes
Yes
No
No
RegA=0Ah
RegA=50h
Reg12[1]=1?
Done
Select Desired
DPA Output Delay
Reg4[5:0]
Reg6[6:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com