Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 61 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 61 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
Chapter 9
AC/DC Operating Conditions
ICS1531 Rev N 12/1/99
December, 1999
61
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
Chapter 9
AC/DC Operating Conditions
Warning:
The values in this chapter are preliminary and subject to change.
9.1
Absolute Maximum Ratings
Table 9-1 lists absolute maximum ratings for the ICS1531. Stresses above these ratings can cause
permanent damage to the ICS1531. These ratings, which are standard values for ICS commercially rated
parts, are stress ratings only. Functional operation of the ICS1531 at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are
guaranteed only over the recommended operating temperature range.
9.2
Recommended Operating Conditions
9.3
Power Values
Table 9-1.
ICS1531 Absolute Maximum Ratings
Item
Rating
VDD, VDDQ (measured with respect to VSS)
4.3 V
Digital Inputs
VSS -0.3 V to +5.5 V
Digital Outputs
VSSQ -0.3 V to VDDQ +0.3 V
Analog Inputs
VSS -0.3 V to +5.5 V
Analog Outputs
VSSA -0.3 V to VDDA +0.3 V
Storage Temperature
-65 to +150
° C
Junction Temperature
175
° C
Soldering Temperature
260
° C
Power Dissipation
See Section 9.3, “Power Values”
Table 9-2.
ICS1531 Recommended Operating Conditions
Parameter
Minimum
Typical
Maximum
Units
Ambient Operating Temperature
0
–
+70
° C
Power Supply Voltage (measured with respect to VSS)
+3.0
+3.3
+3.6
V
Table 9-3.
ICS1531 Power Values
Item
Conditions
Typical
Power Dissipation, Active
3.3 V
ICS1531 (100 MHz):
800 mW
ICS1531 (140 MHz):
850 mW
ICS1531 (160 MHz):
900 mW
Power Dissipation, Standby
3.3 V
~250 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com