Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 51 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 51 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
51
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.39
Register 37h: PSEL
The PSEL Register is used to program the general-purpose pins, PSEL1 through PSEL3.
Table 6-38.
PSEL Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
37:7
ADCRCLK_Inv
ADCRCLK Invert.
This bit inverts the ADCRCLK signal.
• 0 = Do not invert the ADCRCLK signal.
• 1 = Invert the ADCRCLK signal (default).
––
1
37:6-
37:5
ADCRCLK_Del
ADCRCLK Delay.
These bits delay the ADCRCLK signal, relative to data, in
0.5-ns increments.
• 0 = 0-ns delay of ADCRCLK
• 1 = 0.5-ns delay of ADCRCLK
• 2 = 1.0-ns delay of ADCRCLK (default)
• 3 = 1.5-ns delay of ADCRCLK
––
2
37:4
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit must be programmed to ‘0’.
––
0
37:3
Cal_Access
Calibration Access.
Depending on the state of the VSS(TEST) pin (see
Section 3.2.3.6, “Ground Pins”), this bit performs in either
the Normal mode or the Test mode.
• Normal mode.
When the ICS1531 is in Normal mode and this bit =
– 0, Calibration Regs cannot be accessed.
– 1, Calibration Regs 38h to 3Ch can be accessed.
• Test mode.
– When the ICS1531 is in Test mode, Calibration
Regs 38h to 3Ch can be accessed, regardless of
the setting of Reg 37:3.
– The Test mode is intended for use only by ICS.
R/W
–
0
37:2
PSEL3
Programmable Select 3.
This bit is used to program general-purpose pin PSEL3.
R/W
–
0
37:1
PSEL2
Programmable Select 2.
This bit is used to program general-purpose pin PSEL2.
R/W
–
0
37:0
PSEL1
Programmable Select 1.
This bit is used to program general-purpose pin PSEL1.
R/W
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com