Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 35 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 35 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems ICS1531 Datasheet HTML 38Page - Integrated Circuit Systems ICS1531 Datasheet HTML 39Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
35
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.9
Register 08h: Internal Filter
The Internal Filter Register is used to select values for the internal loop filter.
6.5.10
Register 09h: Reserved
This register is reserved. (See Section 6.1, “Reserved Bits”.)
6.5.11
Register 0Ah: Pixel PLL/DPA Reset
The Pixel PLL/DPA Reset Register is used to reset the pixel PLL and DPA circuits.
6.5.12
Register 0Bh-0Fh: Reserved
These registers are reserved. (See Section 6.1, “Reserved Bits”.)
Table 6-12.
Internal Filter Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
08:7
Shunt_Sel
Shunt (Capacitor) Select.
This bit selects the size of the internal filter’s shunt capacitor.
• 0 = Selects an alternate-size shunt capacitor
• 1 = Select the default-size shunt capacitor
R/W
–
1
08:6-
08:4
Res_Sel [2-0]
Resistor Select [2-0].
These bits are used to select the size of the internal filter’s
resistor as follows:
R/W
–
7
08:3-
08:1
Cap_Sel [2-0]
Capacitor Select [2-0].
These bits are used to select the size of the internal filter’s
capacitor as follows:
R/W
–
7
08:0
Fil_Sel
(Loop) Filter Select.
This bit selects the type of loop filter.
• 0 = The loop filter is external.
• 1 = The loop filter is internal (default).
R/W
–
1
Table 6-13.
Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
0A:7-
0A:4
Pixel PLL Reset
[3-0]
Pixel Phase-Locked Loop Reset [3-0].
Writing 5xh to these bits does the following:
• Resets the pixel phase-locked loop.
• Loads working Regs 01 to 03.
Write
–
N/A
0A:3-
0A:0
DPA Reset [3-0]
Dynamic Phase Adjust Reset [3-0].
Writing xAh to these bits does the following:
• Resets the Dynamic Phase Adjust.
• Loads working Reg 05.
Write
–
N/A
{(Value of Res_Sel [2-0] bits)
× 4kΩ} + 3kΩ
Resistor value
≈
Capacitor value:
≈ {(Value of Cap_Sel [2-0] bits) + 1} × 236 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com