Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 62 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 62 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
62
Chapter 9
AC/DC Operating Conditions
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
9.4
AC Operating Characteristics
9.5
DC Operating Characteristics
This section lists the DC operating characteristics for the ICS1531.
9.5.1
DC Operating Characteristics for Supply Current.
Note:
All VDD measurements are taken with respect to VSS (which equals 0 V).
9.5.2
DC Operating Characteristics for Digital Inputs
Table 9-6 lists DC operating characteristics for the following ICS1531 TTL input pins:
• HSYNC
• PDEN
• SBADR
• SCL
• SDA (Input mode only. For output mode, see Table 9-7.)
Note:
All VDD measurements are taken with respect to the VSS pin (which equals 0 V).
Note 1. Typically guaranteed by design.
9.5.3
DC Operating Characteristics for SDA Digital Pin, in Output Mode
Table 9-7 lists DC characteristics for the SDA pin output mode. (For input mode, see Table 9-6.)
Table 9-4.
AC Operating Characteristics for ICS1531 Inputs
Parameter
Symbol
Min.
Max.
Units
Input HSYNC: Input Frequency
fHSYNC
12
120
kHz
PDEN: Input Frequency
fPDEN
30
120
Hz
Table 9-5.
DC Operating Characteristics for Supply Current to ICS1531
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Current, Digital †
IDDD
VDDD = 3.3 V, 100 MHz
–
135
150
mA
Supply Current, Analog †
IDDA
VDDA = 3.3 V, 100 MHz
–
125
135
mA
Table 9-6.
DC Operating Characteristics for TTL Inputs
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage
VIH
–2.4
–
–
V
Input Low Voltage
VIL
––
–
0.8
V
Input High Current
IIH
VIH = VDD
–
–
±10
µA
Input Low Current
IIL
VIL = 0
±10
–
–
µA
Input Capacitance (Note 1)
Cin
––
10
–
pF
Table 9-7.
DC Operating Characteristics for ICS1531 SDA Pin, Output Mode
Parameter
Symbol
Conditions
Min.
Max.
Units
Output Low Voltage
VOL
IOUT = 3 mA
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com