Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 56 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 56 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
56
Chapter 7
Programming
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
7.3
Programming Spread Spectrum
7.3.1
Spread Spectrum Definition and Purpose
Spread spectrum is a process for distributing (or ‘spreading’) the energy of a single-frequency signal over a
wider frequency spectrum so that it reduces the peak radiated energy on any single frequency.
The need for spread-spectrum technology results from the increase in speeds of PCs and the subsequent
increase in operating resolutions. That is, there has been an increase both in the speed of (1) pixel clocks
for cathode-ray tube displays and (2) panel clocks for LCD displays.
Accompanying these increases has been an increase in generated electro-magnetic interference (EMI). In
some cases, EMI emissions of the fundamental frequency can be too high to pass a country’s
communications regulations [such as those from the American government agency, the Federal
Communications Commission (FCC)].
Figure 7-3 shows an idealized (1) unmodulated carrier signal and (2) modulated signal resulting from
spread-spectrum technology. (Both of the actual signals have a fundamental frequency and more variable
peaks and sidebands than what this figure shows.)
1.
In this example, the unmodulated carrier signal has a frequency whose peak amplitude creates EMI
emissions that are too high to pass FCC requirements.
2.
To reduce EMI, the ICS1531 use spread-spectrum technology to modulate the carrier frequency of the
input timing signals from either the memory clock, or the panel clock, or both. Figure 7-3 shows how the
energy of the unmodulated signal can be redistributed as sidebands of a modulated signal.
The peak amplitude of the composite single-frequency carrier signal is thereby attenuated. As a result,
the EMI peak decreases, while the total signal energy is maintained. This attenuation occurs without
increasing cycle-to-cycle jitter. Consequently, system design costs can be reduced by decreasing the
need to design shielding for the ICS1531.
Note:
Both the MCLK and PNLCLK PLLs use spread-spectrum technology. (The pixel PLL does not.) For
information on how to achieve specific spread-spectrum results, see ICS1531 application notes.
Figure 7-3.
Signal Characteristics (1) Before and (2) After Applying Spread-Spectrum Circuitry
Relative
Amplitude
(dB)
Clock Frequency (MHz)
6
9
1. Unmodulated Carrier Signal
(Narrow Bandwidth)
Spread Spectrum
2. Modulated Carrier Signal
(Increased Bandwidth: Spectrum of
sideband signals has spread.)
3
0
Note:
Figure shows idealized signals.
(Details are not shown.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com