Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 34 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 34 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems ICS1531 Datasheet HTML 38Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
34
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.8
Register 07h: OSC Divider
06:2
FUNC_Delay
FUNC Delay.
This bit selects the delay for the ADC_FUNC signal. (See the
note at the first of this table.)
• 0 = The ADC_FUNC signal is delayed by 0 cycles.
• 1 = The ADC_FUNC signal is delayed by 1 cycle, which has
the effect of moving the channel ‘A” data to the ‘B’ channel
output pins and the reverse.
R/W
–
0
06:1-
06:0
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
0
Table 6-11.
OSC Divider Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
07:7-
07:0
OSC_Div [7-0]
Oscillator Divider [7-0].
After the signal from the internal crystal oscillator is divided by
2 (see Figure 4-1), these bits select the value by which the
resulting signal is divided.
• 0 = This divide-down value is reserved.
• 1 = Divide by 1.
• 2 = Divide by 2, and so forth.
R/W
–
0
Table 6-10.
Output Enables Register (Continued)
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com