Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 68 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 68 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems ICS1531 Datasheet HTML 70Page - Integrated Circuit Systems ICS1531 Datasheet HTML 71Page - Integrated Circuit Systems ICS1531 Datasheet HTML 72Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
68
Chapter 10
Timing Diagrams
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
10.3.2
Two-Pixels-per-Clock Mode Timing
For 2-pixels-per-clock mode, Reg 30:6 must be cleared to ‘0’. Table 10-4 lists pixel characteristics for this
mode, as determined by Reg 2:0. (Both ‘A’ and ‘B’ channel pixels are pipelined and aligned with the rising
edge of the ADCRCLK.) Table 10-5 lists time measures for this mode, and Figure 10-6 shows timing
characteristics.
Figure 10-6.
AC Timing for 2-Pixels-per-Clock Mode
Table 10-4.
Pixel Characteristics for 2-Pixels-per-Clock Mode
Reg 2:0
Setting
Pixel Characteristics When Reg 30:6 is Cleared to ‘0’
Total Number of Pixels
Pixel Output
What the Pixels Represent
0
Total number is even.
Output is on Channel ‘A’. Samples taken on half-rate ADCRCLK’s rising edge.
1
Total number is odd.
Output is on Channel ‘B’. Samples taken on half-rate ADCRCLK’s falling edge.
Table 10-5.
Timing for 2-Pixels-per-Clock Mode
Time
Period
Timing Description
Min
Typ
Max
Units
Tp, Td
CLK Period, CLK Duty Cycle
–
See Table 10-3.–
ns
t1
CLK Rise Time to ADCRCLK Rise Time
–
2.6
–
ns
t2
ACDRCLK Period
–
t2 = 2
× Tp
–
ns
t3
ACDRCLK Fall Time to ADCSYNC Rise Time
–
TBD
–ns
t4
Digital Data Transition
3.8
5
TBD
ns
t4
P-4
P-2
P
t1
P-3
P-5
P-1
P+1
P
P+1
P+2
P-6
P+3
P+4
P+5
t2
Tp, Td
t3
Analog Data In:
ARED
AGRN
ABLUE
CLK
ADCRCLK
ADCSYNC
‘A’ Channel Digital
Data Output
‘B’ Channel Digital
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com