Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 59 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 59 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
Chapter 8
Layout and Power Considerations
ICS1531 Rev N 12/1/99
December, 1999
59
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
8.1.2
Specific Guidelines for Printed Circuit Board Layout
8.1.2.1
Digital Inputs
The ICS1531 digital inputs are designed to work with either 3.3-V and 5-V signals. No extra components
are required.
8.1.2.2
Analog Inputs
To reduce noise, minimize traces for the ICS1531 analog red, green, and blue input pins by placing the
ICS1531 as close as possible to the board’s input connector. Input connectors can include any of the
following:
• 15-pin D connector
• BNC connector
• Digital Visual Interface connector (from the Digital Display Working Group)
• ‘P&D’, the ‘Plug and Display’ connector (from VESA)
8.1.2.3
External Loop Filter
The ICS1531 has software that allows for the selection of components for an internal loop filter for the pixel
clock PLL. (The internal loop filter has the advantage of not requiring any extra components.)
The ICS1531 also allows for the selection of components for an external loop filter for the pixel clock PLL.
If the external loop-filter option is used, do the following:
1.
Place loop filter components as close as possible to the EXTFIL and XFILRET pins.
2.
For loop filter components, typical values are as follows:
a. 6.8K
Ω for the series resistor
b. 3300 pF RF-type capacitor for the series capacitor
c. 33 pF for the shunt capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com