Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 66 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 66 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems ICS1531 Datasheet HTML 70Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
66
Chapter 10
Timing Diagrams
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
10.2
Power-On Reset Timing
Table 10-2 lists typical ICS1531 power-on reset (POR) timing measures and Figure 10-4 shows the POR
timing relationships. (For information on how the ICS1531 POR circuitry operates, see Section 8.2, “Power
Considerations”.)
If a reset:
• Is desired, reduce the VDD supply voltage (and the voltage on all ICS1531 pins) so that it is below the
threshold voltage (VDDth) of the POR circuit for the period t1. (A time of 10 ms is sufficient.)
• Is not desired, ensure either one or both of the following conditions:
– Ensure the VDD supply voltage (and the voltage on all ICS1531 pins) is not reduced below Vmin.
– If the VDD supply voltage (and the voltage on all ICS1531 pins) is reduced below Vth, then ensure
that it is at this level for less than the period t1.
Note:
The POR signal is an internal signal. It is generated regardless of the ICS1531 mode.
Figure 10-4.
Power-On Reset Condition for ICS1531
Table 10-2.
Typical ICS1531 POR Transition Times
Symbol
Timing Description
Min
Typ
Max
Units
VDD
Supply Voltage (‘On’ State)
3.0
3.3
3.6
V
VDDth
Threshold Supply Voltage
–
1.8
–
V
t1
Hold Time for Reset State
–
10
–
ms
t1
VDDth
VDDmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com