Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 24 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 24 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 20Page - Integrated Circuit Systems ICS1531 Datasheet HTML 21Page - Integrated Circuit Systems ICS1531 Datasheet HTML 22Page - Integrated Circuit Systems ICS1531 Datasheet HTML 23Page - Integrated Circuit Systems ICS1531 Datasheet HTML 24Page - Integrated Circuit Systems ICS1531 Datasheet HTML 25Page - Integrated Circuit Systems ICS1531 Datasheet HTML 26Page - Integrated Circuit Systems ICS1531 Datasheet HTML 27Page - Integrated Circuit Systems ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
24
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.4
Register Set Outline
Table 6-2 outlines the ICS1531 Register Set.
Note:
1.
For the reserved bits, see Section 6.1, “Reserved Bits”.
2.
For abbreviations and acronyms, see Section 6.3, “Register Set Abbreviations and Acronyms”.
Table 6-2.
Register Set Outline
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value
00h
Input Control
R/W
7-6 HSYNC_Sel
Select a Schmitt trigger
0
5
In_Sel
Select input
1
4
Fdbk Div Load
Select load for Feedback Divider
0
3
Fdbk_Pol
Select polarity of feedback to Phase/Frequency
Detector
0
2
Ref_Pol
Select polarity of external reference
0
1
PD_Pol
Select polarity of PDEN to Phase/Frequency Detector
0
0
PD_En
Enable Phase/Frequency Detector
1
01h
Loop Control
R/W. D-PLL.
7-6 Reserved
Reserved
0
5-4 PSD
Select value for Post-Scaler Divider
0
3
Reserved
Reserved
0
2-0 PFD
Select Phase/Frequency Detector gain
0
02h
Fdbk Div 0
R/W. D-PLL.
7-0 FDBK [7-0]
Select value for Feedback Divider LSBs bits 7-0
FF
03h
Fdbk Div 1
R/W. D-PLL.
7-4 Reserved
Reserved
–
3-0 FDBK [11-8]
Select value for Feedback Divider MSBs bits 11-8
0
04h
DPA Offset
R/W
7-6 Reserved
Reserved
0
5-0 DPA_OS
Select offset for Dynamic Phase Adjust
0
05h
DPA Control
R/W. D-DPA.
7-2 Reserved
Reserved
–
1-0 DPA_Res
Select resolution for Dynamic Phase Adjust
0
06h
Output Enables R/W
7
Reserved
Reserved
0
6
OE_Tck
Enable clock output to ADC
0
5
OE_ADCRCLK
Enable clock output from ADC
0
4
OE_ADCSYNC
Enable output for delayed ADCSYNC
0
3
FUNC_Sel
Select signal source for ADC_FUNC signal
0
2
FUNC_Delay
Select delay for ADC_FUNC signal
0
1-0 Reserved
Reserved
0
07h
OSC Divider
R/W
7-0 OSC_Div
Specify value for oscillator divider
0
08h
Internal Filter
R/W
7
Shunt_Sel
Select internal filter shunt capacitor size
1
6-4 Res_Sel
Select internal filter resistor size
7
3-1 Cap_Sel
Select internal filter capacitor size
7
0
Fil_Sel
Select type of loop filter
1
09h
Reserved
N/A
0Ah
Pixel PLL
Reset/
DPA Reset
Write
7-4 Pixel PLL Reset
Writing 5xh resets pixel PLL and loads working Regs
1h through 3h
N/A
3-0 DPA Reset
Writing xAh resets DPA and loads working Reg 5h
N/A
0Bh-0Fh Reserved
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com