Electronic Components Datasheet Search
  English  ▼

X  

ICS1531 Datasheet(PDF) 58 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 58 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
58
Chapter 8
Layout and Power Considerations
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 8
Layout and Power Considerations
8.1
Layout Considerations
8.1.1
General Guidelines for Printed Circuit Board Layout
To lay out a printed circuit board that uses the ICS1531, see Figure 8-1 and use the following general
guidelines.
• Use a printed circuit board with at least the following four planes:
– One power plane
– One ground plane. (No special cutouts required.)
– Two signal planes
• Power supply voltages:
– Provide all supply voltages from a common source.
– Ensure that all supply voltages ramp together.
– Bypass each power supply pin with a 0.1-
µF capacitor.
• When using capacitors for filtering or decoupling, use either tantalum or ceramic capacitors with good
high-frequency characteristics. (Do not use electrolytic capacitors.) Place the capacitors as close as
possible to the ICS1531 pins that are being filtered or decoupled.
• Trace widths:
– Use nominal trace widths of approximately 0.020 to 0.025 cm.
– Use a maximum trace width of approximately 0.076 cm.
• As Figure 8-1 indicates, connect the appropriate VDDx and VSSx pins to the appropriate plane, using
multiple surface-etched vias.
• Ensure that the area of the printed circuit board where the ICS1531 is placed is free of contaminants.
(Flux and other board-surface debris can degrade the performance of the external loop filter.)
Figure 8-1.
General Decoupling Circuit for ICS1531
0.1
µF0.1 µF
10
µF
Multiple vias
ICS1531
VDDx
VSSx
Multiple vias
VCC
FB
+
Width from ~
0.025 to
0.076 cm
1.27 cm max
2.54 cm max
Ferrite bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com