Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 25 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 25 Page - NEC

Back Button UPD17072 Datasheet HTML 21Page - NEC UPD17072 Datasheet HTML 22Page - NEC UPD17072 Datasheet HTML 23Page - NEC UPD17072 Datasheet HTML 24Page - NEC UPD17072 Datasheet HTML 25Page - NEC UPD17072 Datasheet HTML 26Page - NEC UPD17072 Datasheet HTML 27Page - NEC UPD17072 Datasheet HTML 28Page - NEC UPD17072 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 226 page
background image
25
µPD17072,17073
3.4 Operations of Address Stack
3.4.1 Subroutine call (“CALL addr” or “CALL @AR”) and return (“RET” or “RETSK”) instructions
When a subroutine call instruction is executed, the value of the stack pointer is decremented by one and the return
address is stored to the address stack register specified by the stack pointer.
When a return instruction is executed, the contents of the address stack specified by the stack pointer (return
address) is restored to the program counter, and the value of the stack pointer is incremented by one.
3.4.2 Table reference instruction (“MOVT DBF, @AR”)
When the table reference instruction is executed, the value of the stack pointer is decremented by one and the
return address is stored to the address stack register specified by the stack pointer.
Next, the contents of the program memory addressed by the address register are read to the data buffer, and the
contents of the address stack register specified by the stack pointer (return address) are restored to the program
counter. The value of the stack pointer is then incremented by one.
3.4.3 On acceptance of interrupt and execution of return instruction (“RETI” instruction)
When an interrupt is accepted, the value of the stack pointer is decremented by one, and the return address is
stored to the address stack register specified by the stack address.
When the return instruction is executed, the contents of the address stack register specified by the stack pointer
(return address) are restored to the program counter and the value of the stack pointer is incremented by one.
3.4.4 Address stack manipulation instructions (“PUSH AR” and “POP AR”)
When the “PUSH” instruction is executed, the value of the stack pointer is decremented by one, and the contents
of the address register are transferred to the address stack register specified by the stack pointer.
When the “POP” instruction is executed, the contents of the address stack register specified by the stack pointer
are transferred to the address register, and the value of the stack pointer is incremented by one.
3.5 Notes on Using Address Stack
The nesting level of the address stack is two, and the value of the address stack register ASR2 is “undefined” when
the value of the stack pointer is 2H.
Consequently, if a subroutine is called or an interrupt is used exceeding 2 levels without manipulating the stack,
program execution returns to an “undefined” address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com