Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 72 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 72 Page - NEC

Back Button UPD17072 Datasheet HTML 68Page - NEC UPD17072 Datasheet HTML 69Page - NEC UPD17072 Datasheet HTML 70Page - NEC UPD17072 Datasheet HTML 71Page - NEC UPD17072 Datasheet HTML 72Page - NEC UPD17072 Datasheet HTML 73Page - NEC UPD17072 Datasheet HTML 74Page - NEC UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 226 page
background image
µPD17072,17073
72
11.4 Stack Pointer, Address Stack Register, and Program Counter
The address stack register saves the return address to which the program execution is to restore when execution
exits from an interrupt service routine.
The stack pointer specifies the address of the address stack register.
When an interrupt has been accepted, therefore, the value of the stack pointer is decremented by one, and the
value of the program counter at that time is saved to the address stack register specified by the stack pointer.
Next, when dedicated instruction “RETI” has been executed after the interrupt service routine has been executed,
the contents of the address stack register specified by the stack pointer are restored to the program counter, and the
value of the stack pointer is incremented by one.
Also refer to 3. ADDRESS STACK (ASK).
11.5 Interrupt Enable Flip-Flop (INTE)
The interrupt enable flip-flop enables all the interrupts.
When this flip-flop is set, all the interrupts are enabled. When it is reset, all the interrupts are disabled.
This flip-flop is set or reset by dedicated instruction “EI (set)” or “DI (reset)”.
The “EI” instruction sets this flip-flop when the instruction next to it has been executed, while the “DI” instruction
resets the flip-flop while it is executed.
When an interrupt has been accepted, this flip-flop is automatically reset.
This flip-flop is reset on power-ON reset, execution of the clock stop instruction, or CE reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com