Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 92 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 92 Page - NEC

Back Button UPD17072 Datasheet HTML 88Page - NEC UPD17072 Datasheet HTML 89Page - NEC UPD17072 Datasheet HTML 90Page - NEC UPD17072 Datasheet HTML 91Page - NEC UPD17072 Datasheet HTML 92Page - NEC UPD17072 Datasheet HTML 93Page - NEC UPD17072 Datasheet HTML 94Page - NEC UPD17072 Datasheet HTML 95Page - NEC UPD17072 Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 226 page
background image
µPD17072,17073
92
Figure 12-8. Configuration of Interrupt Edge Select Register
Note
For the functions of IEG and INT flags, refer to 11.9 External (INT pin) Interrupt.
Flag symbol
b3
0
b2
I
N
T
b1
B
T
M
1
C
K
b0
I
E
G
Name
Address
(BANK1)
56H
Read/
Write
R/W
Sets input edge to issue interrupt request of INT pinNote
Rising edge
Falling edge
0
1
Sets time interval at which IRQBTM1 flag is set
32 ms (31.25 Hz)
8 ms (125 Hz)
0
1
Detects status of INT pinNote
Low level is input to INT pin.
High level is input to INT pin.
0
1
Fixed to “0”.
Power-ON
Clock stop
CE
0
0
0
0
0
0
0
0
0
0
Interrupt edge
select register
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com