Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 86 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 86 Page - NEC

Back Button UPD17072 Datasheet HTML 82Page - NEC UPD17072 Datasheet HTML 83Page - NEC UPD17072 Datasheet HTML 84Page - NEC UPD17072 Datasheet HTML 85Page - NEC UPD17072 Datasheet HTML 86Page - NEC UPD17072 Datasheet HTML 87Page - NEC UPD17072 Datasheet HTML 88Page - NEC UPD17072 Datasheet HTML 89Page - NEC UPD17072 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
µPD17072,17073
86
12.2.5 Notes on using basic timer 0
(1) BTM0CY flag detection time interval
The time interval at which the BTM0CY flag is to be detected must be shorter than the time interval at which
the flag is to be set. This is because, if the time of processing B in Figure 12-4 is longer than the time interval
at which the BTM0CY flag is to be set, the BTM0CY flag is not set accurately.
Figure 12-4. Detection of BTM0CY Flag and BTM0CY Flag
BTM0CY flag
setting pulse
H
1
L
0
BTM0CY flag
<1>
<2>
<3>
<5>
<4>
SKT1
BTM0CY
SKT1
BTM0CY
SKT1
BTM0CY
Processing B
Processing A
Because execution time of processing B is too long after BTM0CY
flag, which has been set to "1" in step <2> above, has been
detected, BTM0CY flag is not detected in step <3>.
(2) Sum of timer updating processing time and BTM0CY flag detection time interval
As described in (1) above, the time interval tCHECK at which the BTM0CY flag is to be detected must be shorter
than the time at which the BTM0CY flag is to be set.
At this time, even if the time interval at which the BTM0CY flag is to be detected is short, the timer processing
may not be executed normally when CE reset is effected if the updating processing time of the timer is long.
Therefore, the following conditions must be satisfied:
tCHECK + tTIMER < tSET
where,
tCHECK: time interval at which BTM0CY flag is detected
tTIMER: timer updating processing time
tSET: time interval at which BTM0CY flag is set
An example is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com