Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 53 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 53 Page - NEC

Back Button UPD17072 Datasheet HTML 49Page - NEC UPD17072 Datasheet HTML 50Page - NEC UPD17072 Datasheet HTML 51Page - NEC UPD17072 Datasheet HTML 52Page - NEC UPD17072 Datasheet HTML 53Page - NEC UPD17072 Datasheet HTML 54Page - NEC UPD17072 Datasheet HTML 55Page - NEC UPD17072 Datasheet HTML 56Page - NEC UPD17072 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 226 page
background image
53
µPD17072,17073
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––––––– -
Table 8-1. Peripheral Hardware Control Functions of Peripheral Control Registers (4/4)
Peripheral
Control register
Peripheral hardware control function
At reset
hardware
Name
Address
Read/ b3
Functional outline
Set value
Power- Clock CE
Write
b2 Symbol
ON stop
b1
b0
01
IF counter IF counter mode
(BANK1)
R/W
IFCMD1
Sets mode of IF counter
0
0
0
select register
62H
IFCMD0
IFCCK1
Sets gate time of IF counter
IFCCK0
IF counter gate
(BANK1)
R
0
Fixed to 0
000
status detection
63H
0
register
0
IFCG
Detects opening/closing gate of IF counter
Closed
Open
IF counter control
(BANK1)
W
0
Fixed to 0
000
register
64H
0
IFCSTRT
Starts counting of IF counter
Does not start
Starts
IFCRES
Resets IF counter
Does not reset
Resets
BEEP
BEEP clock
(BANK1)
R/W
0
Fixed to 0
00
R
select register
5BH
0
BEEP0CK1 Sets output status of BEEP pin
BEEP0CK0
LCD
LCD driver
(BANK1)
R/W
0
Fixed to 0
controller/ display start
50H
0
driver
register
ADCON
Note
Sets A/D converter power supply and
0
0
0
LCDEN
ON/OFF of all LCD display
0
0
R
Standby
System clock
(BANK1)
R/W
0
Fixed to 0
0R
R
select register
55H
0
0
SYSCK
53.3
µs
106.6
µs
Note
When LCDEN= 1, the power supply for the A/D converter is ON even if ADCON = 0.
Remark
R: Previous status is retained.
Selects system clock
(1 instruction execution time)
0011
General output port General output port BEEP
BEEP
(low-level output)
(high-level output)
(1.5 kHz) (3 kHz)
0101
0011
IF counter OFF
FMIFC pin AMIFC pin FMIFC pin
(General I/O port) FMIF mode AMIF mode AMIF mode
0101
0011
Power OFF
Power ON Power ON
Power ON
Display OFF Display ON Display OFF Display ON
0101
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––––––– -
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – ––––––––––
–––––––– -
–––––––––––
––––––––-
–––––––– -
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
––––––––-
–––––––– -
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
0011
1 ms
4 ms
8 ms
Open
0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com