Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 83 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 83 Page - NEC

Back Button UPD17072 Datasheet HTML 79Page - NEC UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC UPD17072 Datasheet HTML 82Page - NEC UPD17072 Datasheet HTML 83Page - NEC UPD17072 Datasheet HTML 84Page - NEC UPD17072 Datasheet HTML 85Page - NEC UPD17072 Datasheet HTML 86Page - NEC UPD17072 Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
µPD17072,17073
83
12.2.2 Flip-flop and BTM0CY flag
The flip-flop is set at fixed time intervals and its status is detected by the BTM0CY flag of the basic timer 0 carry
register.
The BTM0CY flag is a read-only flag, and is reset to “0” if its contents are read (Read & Reset) by using the
instructions shown in Table 12-1.
The BTM0CY flag is reset to “0” at power-ON reset, and is set to “1” at CE reset and at CE reset after the clock
stop instruction is executed. Therefore, this flag can be used as a power failure detection flag.
The BTM0CY flag is not set until its contents are read by the instruction shown in Table 12-1 after application of
the supply voltage. Once a read instruction has been executed, this flag is set at fixed time intervals.
Figure 12-2 shows the configuration and function of the basic timer 0 carry register.
Table 12-1. Instructions to Reset BTM0CY Flag
Mnemonic
Operand
Mnemonic
Operand
ADD
m, #n4
ADD
r, m
ADDC
ADDC
SUB
SUB
SUBC
SUBC
AND
AND
OR
OR
XOR
XOR
SKE
LD
SKEG
SKT
m, #n
SKLT
SKF
SKNE
MOV
@r, m
m, @r
Note
Note
When the row address of m is 5H and 1H is written to r.
Remark
m = 51H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com