Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 52 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 52 Page - NEC

Back Button UPD17072 Datasheet HTML 48Page - NEC UPD17072 Datasheet HTML 49Page - NEC UPD17072 Datasheet HTML 50Page - NEC UPD17072 Datasheet HTML 51Page - NEC UPD17072 Datasheet HTML 52Page - NEC UPD17072 Datasheet HTML 53Page - NEC UPD17072 Datasheet HTML 54Page - NEC UPD17072 Datasheet HTML 55Page - NEC UPD17072 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 226 page
background image
µPD17072,17073
52
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––––––– -
Table 8-1. Peripheral Hardware Control Functions of Peripheral Control Registers (3/4)
Peripheral
Control register
Peripheral hardware control function
At reset
hardware
Name
Address
Read/ b3
Functional outline
Set value
Power- Clock CE
Write
b2 Symbol
ON stop
b1
b0
01
A/D
A/D converter
(BANK1)
R/W
0
Fixed to 0
00
0
converter
channel select
5CH
0
register
ADCCH1
Selects pin used for A/D converter
ADCCH0
A/D converter
(BANK1)
R/W
ADCRFSEL3 Sets compare voltage
0
0
0
reference
5DH
ADCRFSEL2
voltage setting
ADCRFSEL1
register
ADCRFSEL0
A/D converter
(BANK1)
R/W
0
Fixed to 0
00
0
compare start
5EH
0
register
0
ADCSTRT
Invalid/Stop
Starts/operates
A/D converter
(BANK1)
R
0
Fixed to 0
00
0
compare result
5FH
0
detection register
0
ADCCMP
Detects compare result
VADCIN < VREF
VADCIN > VREF
General-
Port 0B bit I/O
(BANK1)
R/W
P0BBIO3
P0B3 pin
Input
Output
0
0
0
purpose
select register
6EH
P0BBIO2
P0B2 pin
port
P0BBIO1
P0B1 pin
P0BBIO0
P0B0 pin
Sets I/O mode of
Port 0C bit I/O
(BANK1)
R/W
P0DBIO3
P0D3 pin
these pins (bit I/O)
select register
6FH
P0DBIO2
P0D2 pin
P0CBIO1
P0C1 pin
P0CBIO0
P0C0 pin
Serial
Serial I/O mode
(BANK1)
R/W
0
Fixed to 0
00
0
interface
select register
60H
SIOSEL
Selects serial I/O mode of P0B3/SI/SO1 pin
Serial input
Serial output
SIOHIZ
Sets P1C0/SO0 pin in serial output mode
Serial output
SIOTS
Sets start or stop of operation
Stops operation
Starts operation
Serial I/O clock
(BANK1)
R/W
0
Fixed to 0
00
0
select register
61H
0
SIOCK1
Sets clock of serial interface
SIOCK0
Starts A/D converter operation/checks
comparator operation
0011
Not used
AD0
AD1
AD1
0101
0011
External clock 12.5 kHz 18.75 kHz 37.5 kHz
0101
––––––––-
–––––––– -
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
––––––––-
–––––––– -
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
––––––––-
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––––––– -
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
–––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – – –––– ––––– – – –
General-purpose
output port
–––– –––––
–––– –––––
–––– –––––
–––– –––––
–––– –––––
–––– –––––
–––– –––––
–––– –––––
–––– –––––
VREF =
x + 0.5 × V
DD
(V)
16
(0
≤ x ≤ 0FH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com