Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 14 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 14 Page - NEC

Back Button UPD17072 Datasheet HTML 10Page - NEC UPD17072 Datasheet HTML 11Page - NEC UPD17072 Datasheet HTML 12Page - NEC UPD17072 Datasheet HTML 13Page - NEC UPD17072 Datasheet HTML 14Page - NEC UPD17072 Datasheet HTML 15Page - NEC UPD17072 Datasheet HTML 16Page - NEC UPD17072 Datasheet HTML 17Page - NEC UPD17072 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 226 page
background image
µPD17072,17073
14
Pin No.
Symbol
Function
Output format
At power-ON
QFP
TQFP
reset
31
35
COM0
Common signal outputs of LCD controller/driver.
CMOS ternary
Low-level output
32
36
COM1
output
33
37
COM2
34
39
COM3
35
40
LCD0
Segment signal outputs of LCD controller/driver.
CMOS push-pull
Low-level output
|
|
|
49
56
LCD14
50
57
CE
Device operation select and reset signal input.
—
Input
51
58
INT
External interrupt request signal input.
—
Input
Interrupt request is issued at rising or falling edge
of signal input to this pin.
52
60
BEEP
BEEP signal output pin.
CMOS push-pull
Low-level output
BEEP output of 1.5 kHz or 3 kHz can be selected.
53
61
P0B0
Port 0B and serial interface I/O.
CMOS push-pull
Input
54
62
P0B1
• P0B3-P0B0
55
63
P0B2/SCK
• 4-bit I/O port
56
64
P0B3/SI/SO1
• Can be set in input or output mode in 1-bit units.
• SCK
• Serial clock I/O
• SO1
• Serial data output
• SI
• Serial data input
—
5
NC
No connection
—
—
12
38
45
54
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com