Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 63 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 63 Page - NEC

Back Button UPD17072 Datasheet HTML 59Page - NEC UPD17072 Datasheet HTML 60Page - NEC UPD17072 Datasheet HTML 61Page - NEC UPD17072 Datasheet HTML 62Page - NEC UPD17072 Datasheet HTML 63Page - NEC UPD17072 Datasheet HTML 64Page - NEC UPD17072 Datasheet HTML 65Page - NEC UPD17072 Datasheet HTML 66Page - NEC UPD17072 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 226 page
background image
63
µPD17072,17073
10.3.2 Using input port
The input data can be read by executing an instruction that reads the contents of the port register P1A (such as
SKT instruction).
“1” is read from each bit of the port register when the high level is input to the corresponding port pin, and “0” is
read when the low level is input.
Nothing is changed even if a write instruction (such as MOV) is executed to the port register.
Port 1A can be connected to or disconnected from a pull-down resistor bitwise by software. Whether the pull-down
resistor is connected or disconnected is specified by the port 1A pull-down resistor select register.
Figure 10-1 shows the configuration and function of the port 1A pull-down resistor select register.
Figure 10-1. Configuration of Port 1A Pull-Down Resistor Select Register
Flag symbol
b3
P
1
A
P
L
D
3
b2
P
1
A
P
L
D
2
b1
P
1
A
P
L
D
1
b0
P
1
A
P
L
D
0
Name
Port 1A pull-down
resistor select register
Address
(BANK1)
53H
Read/
Write
R/W
Selects ON/OFF of pull-down resistor of P1A0 pin
Pull-down resistor ON
Pull-down resistor OFF
0
1
Selects ON/OFF of pull-down resistor of P1A1 pin
Pull-down resistor ON
Pull-down resistor OFF
0
1
Selects ON/OFF of pull-down resistor of P1A2/AD0 pin
Pull-down resistor ON
Pull-down resistor OFF
0
1
Selects ON/OFF of pull-down resistor of P1A3/AD1 pin
Pull-down resistor ON
Pull-down resistor OFF
0
1
Power-ON
Clock stop
CE
0
0
0
0
Retained
Retained
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com