Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 79 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 79 Page - NEC

Back Button UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC UPD17072 Datasheet HTML 77Page - NEC UPD17072 Datasheet HTML 78Page - NEC UPD17072 Datasheet HTML 79Page - NEC UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC UPD17072 Datasheet HTML 82Page - NEC UPD17072 Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
µPD17072,17073
79
11.9 External (INT Pin) Interrupts
11.9.1 Outline of external interrupts
Figure 11-9 outlines the external interrupts.
As shown in this figure, an interrupt request for an external interrupt is issued at the rising or falling edge of the
signal input to the INT pin.
Whether the interrupt request is to be issued at the rising or falling edge of INT is specified independently through
program.
The INT pin is Schmitt trigger input pin to protect malfunctioning due to noise. This pin do not accept a pulse input
that lasts for less than 100 ns.
Figure 11-9. Outline of External Interrupt
Remark
INT: detects pin status
IEG: selects interrupt edge
11.9.2 Edge Detection Block
The edge detection block specifies the edge (rising or falling edge) of the input signal that issues the external
interrupt request of the INT pin, and detects the specified edge.
The edge is specified by IEG flag.
Figure 11-10 shows the configuration and function of the interrupt edge select register.
INT pin
INT flag
Schmitt trigger
IEG flag
Edge
detection
block
IRQ flag
Interrupt control block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com