Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 12 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 12 Page - NEC

Back Button UPD17072 Datasheet HTML 8Page - NEC UPD17072 Datasheet HTML 9Page - NEC UPD17072 Datasheet HTML 10Page - NEC UPD17072 Datasheet HTML 11Page - NEC UPD17072 Datasheet HTML 12Page - NEC UPD17072 Datasheet HTML 13Page - NEC UPD17072 Datasheet HTML 14Page - NEC UPD17072 Datasheet HTML 15Page - NEC UPD17072 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 226 page
background image
µPD17072,17073
12
1. PIN FUNCTION
1.1 Pin Function List
Pin No.
Symbol
Function
Output format
At power-ON
QFP
TQFP
reset
1
1
P1C0/SO0
Port 1C and output of serial interface.
CMOS push-pull
Low-level output
• P1C0
• 1-bit output port
• SO0
• Serial data output
2
2
P0A0
4-bit output port (port 0A).
CMOS push-pull
Low-level output
3
3
P0A1
4
4
P0A2
5
6
P0A3
6
7
P1B0
4-bit output port (port 1B).
CMOS push-pull
Low-level output
7
8
P1B1
8
9
P1B2
9
10
P1B3
10
11
P1A0
Port 1A and analog inputs to A/D converter.
—
Inputs with pull-
11
13
P1A1
• P1A3-P1A0
down resistor
12
14
P1A2/AD0
• 4-bit input port
13
15
P1A3/AD1
• AD1, AD0
• Analog inputs to A/D converter
14
16
P0C0
2-bit I/O port (port 0C).
CMOS push-pull
Input
15
17
P0C1
Input/output mode can be set in 1-bit units.
16
18
P0D2/AMIFC
Port 0D and IF counter inputs.
CMOS push-pull
Input
17
19
P0D3/FMIFC/
• P0D3, P0D2
AMIFC
• 2-bit I/O port
• Can be set in input/output mode in 1-bit units.
• FMIFC, AMIFC
• IF counter inputs
18
20
GND
Ground
—
—
21
19
22
EO
Output from charge pump of PLL frequency synthesizer
CMOS 3-state
Floating
20
23
VCOL
Input local oscillation frequency of PLL.
—
Floating
21
24
VCOH
22
25
REG0
Output of PLL voltage regulator.
—
Low-level output
Connect this pin to GND via 0.1-
µF capacitor.
REG0
0.1 F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com