Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 95 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 95 Page - NEC

Back Button UPD17072 Datasheet HTML 91Page - NEC UPD17072 Datasheet HTML 92Page - NEC UPD17072 Datasheet HTML 93Page - NEC UPD17072 Datasheet HTML 94Page - NEC UPD17072 Datasheet HTML 95Page - NEC UPD17072 Datasheet HTML 96Page - NEC UPD17072 Datasheet HTML 97Page - NEC UPD17072 Datasheet HTML 98Page - NEC UPD17072 Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 226 page
background image
µPD17072,17073
95
Figure 12-9. Error of Basic Timer 1 (2/2)
(b) When basic timer 1 interrupt pulse is changed
H
L
EI
EI
EI
EI
H
L
H
L
1
0
1
0
EI
DI
Internal
pulse A
Internal
pulse B
Basic timer 1
interrupt pulse
IRQBTM1 flag
IPBTM1 flag
INTE FF
<1> Basic timer 1 interrupt
pulse changed
<2> Interrupt accepted
<3> Basic timer 1 interrupt
pulse changed
Interrupt accepted
Interrupt accepted
Even if the basic timer 1 interrupt pulse is changed to B at point <1> in the above figure, the interrupt is
accepted at the next point <2> because the basic timer 1 interrupt pulse does not fall.
If the basic timer 1 interrupt pulse is changed to A at <3>, the interrupt is immediately accepted because
the basic timer 1 interrupt pulse falls.
(c) When IRQBTM1 flag is manipulated
H
L
Basic timer 1
interrupt pulse
IRQBTM1 flag
IPBTM1 flag
INTE FF
EI
EI
EI
1
0
1
0
EI
DI
<1> SET1 IRQBTM1
Interrupt accepted
Interrupt accepted
Interrupt accepted
<2> CLR1 IRQBTM1
Interrupt not accepted
The interrupt is immediately accepted if the IRQBTM1 flag is set to 1 at <1>.
If clearing the IRQBTM1 flag to 0 overlaps with the falling of the basic timer 1 interrupt pulse at <2>, the
interrupt is not accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com