Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 73 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 73 Page - NEC

Back Button UPD17072 Datasheet HTML 69Page - NEC UPD17072 Datasheet HTML 70Page - NEC UPD17072 Datasheet HTML 71Page - NEC UPD17072 Datasheet HTML 72Page - NEC UPD17072 Datasheet HTML 73Page - NEC UPD17072 Datasheet HTML 74Page - NEC UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC UPD17072 Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 226 page
background image
µPD17072,17073
73
11.6 Accepting Interrupt
11.6.1 Interrupt accepting operation and priority
An interrupt is accepted in the following sequence:
(1) Each peripheral hardware issues an interrupt request signal to an interrupt request block when a certain
condition is satisfied (for example, when a falling signal has been input to the INT pin).
(2) Each interrupt request block sets the corresponding interrupt request flag (e.g., IRQ flag for the INT pin) to
“1” when it has received an interrupt request signal from peripheral hardware.
(3) When the interrupt request flag is set, the interrupt request block whose interrupt enable flag (e.g., IP flag for
IRQ flag) is set to “1” outputs “1”.
(4) The signal output by the interrupt request block is ORed with the output of the interrupt enable flip-flop and
an interrupt accept signal is output.
This interrupt enable flip-flop can be set to “1” by the EI instruction and reset to “0” by the DI instruction.
When “1” is output from an interrupt request block with the interrupt enable flip-flop set to “1”, the interrupt
enable flip-flop outputs “1” and the interrupt is accepted.
When the interrupt has been accepted, the output of the interrupt enable flip-flop is input to the block that has issued
the interrupt request, through an AND circuit, as shown in Figure 11-1.
The signal input to the block that has issued the interrupt request clears the interrupt request flag of that block to
“0”, and a vector address corresponding to the interrupt is output.
If any of the blocks that have issued an interrupt request outputs “1” at this time, the interrupt accept signal is not
transmitted to the next stage. When two or more interrupt request have generated at the same time, therefore, the
interrupts are accepted according to the following priority:
INT pin > basic timer 1 > serial interface
The interrupt corresponding to an interrupt source is not accepted unless the interrupt enable flag is set to “1”.
Therefore, by clearing the interrupt enable flag to “0”, an interrupt with a high hardware priority can be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com