Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 65 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 65 Page - NEC

Back Button UPD17072 Datasheet HTML 61Page - NEC UPD17072 Datasheet HTML 62Page - NEC UPD17072 Datasheet HTML 63Page - NEC UPD17072 Datasheet HTML 64Page - NEC UPD17072 Datasheet HTML 65Page - NEC UPD17072 Datasheet HTML 66Page - NEC UPD17072 Datasheet HTML 67Page - NEC UPD17072 Datasheet HTML 68Page - NEC UPD17072 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
65
µPD17072,17073
10.4 General-Purpose Output Ports (P0A, P1B, P1C)
10.4.1 Configuration of output ports
The configurations of the output ports are shown below.
P0A (P0A3, P0A2, P0A1, P0A0)
P1B (P1B3, P1B2, P1B1, P1B0)
P1C (P1C0)
10.4.2 Using output port
The output port outputs the contents of the output latch from its pins.
The output data is set by executing an instruction that writes data to the port register corresponding to each pin
(such as MOV instruction).
“1” is written to each bit of the port register when the high level is output to the corresponding port pin, and “0” is
written when the low level is output.
If a read instruction (such as SKT instruction) is executed to the port register, the contents of the output latch are
read.
10.4.3 Reset status of output port
(1) On power-ON reset
All the pins output the contents of the output latch.
The contents of the output latch become 0.
(2) On CE reset
Retains the contents of the output latch.
The contents of the output latch are retained; therefore, the output data is not changed on CE reset.
(3) On execution of clock stop instruction
Retains the contents of the output latch.
The contents of the output latch are retained; therefore, the output data is not changed on execution of the
clock stop instruction.
Initialize the port through program as necessary.
(4) In halt status
The contents of the output latch are output.
The contents of the output latch are retained; therefore, the output data is not changed in the halt status.
VDD
Write instruction
Read instruction
Port register
(1 bit)
Output
latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com