Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 87 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 87 Page - NEC

Back Button UPD17072 Datasheet HTML 83Page - NEC UPD17072 Datasheet HTML 84Page - NEC UPD17072 Datasheet HTML 85Page - NEC UPD17072 Datasheet HTML 86Page - NEC UPD17072 Datasheet HTML 87Page - NEC UPD17072 Datasheet HTML 88Page - NEC UPD17072 Datasheet HTML 89Page - NEC UPD17072 Datasheet HTML 90Page - NEC UPD17072 Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 226 page
background image
µPD17072,17073
87
Example Timer updating processing and BTM0CY flag detection time interval
BTIMER:
BANK1
SKT1 BTM0CY
; Executes timer updating processing if BTM0CY flag is “1”.
BR
AAA
; Branches to AAA if BTM0CY flag is “0”.
Timer updating
BR
BTIMER
AAA:
Processing A
BR
BTIMER
The following is the timing chart of the above program.
CE pin
H
L
BTM0CY flag
setting pulse
H
L
BTM0CY flag
0
1
BTM0CY detection
interval
SKT1
BTM0CY
SKT1
BTM0CY
tCHECK
Timer updating
processing
tTIMER
CE reset
If this timer updating processing time is
too long, CE reset is effected while
processing is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com