| Electronic Components Datasheet Search |
|
UPD17072 Datasheet(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17072 Datasheet(HTML) 18 Page - NEC |
|
18 / 226 page ![]() µPD17072,17073 18 1.3 Processing of Unused Pins It is recommended that the unused pins be connected as follows: Table 1-1. Processing of Unused Pins Pin name I/O mode Recommended processing of unused pins Port pin P0A0-P0A3 CMOS push-pull output Open P0B0, P0B1 I/O Note 1 Set by software to output low level and open P0B2/SCK P0B3/SI/SO1 P0C0, P0C1 P0D2/AMIFC P0D3/FMIFC/AMIFC P1A0, P1A1 Input Connect each of these pins to VDD or GND via resistor Note 2. P1A2/AD0 P1A3/AD1 P1B0-P1B3 CMOS push-pull output Open P1C0/SO0 Pins other BEEP CMOS push-pull output Open than port CE Input Connect to VDD via resistor Note 2. pins COM0-COM3 Output Open EO Output INT Input Connect to GND via resistor Note 2. LCD0-LCD14 CMOS push-pull output Open VCOH, VCOL Input Connect each of these pins to GND via resistor Note 2. Notes 1. The I/O ports are set in the input mode on power application, on clock stop, and on CE reset. 2. When pulling up (connecting to VDD via resistor) or pulling down (connecting to GND via resistor) a pin externally with high resistance, the pin almost goes into a high-impedance state, and consequently, the current consumption (through current) of the port increases. Generally, the pull-up or pull-down resistance is several 10 k Ω, though it varies depending on the application circuit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |