Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 84 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 84 Page - NEC

Back Button UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC UPD17072 Datasheet HTML 82Page - NEC UPD17072 Datasheet HTML 83Page - NEC UPD17072 Datasheet HTML 84Page - NEC UPD17072 Datasheet HTML 85Page - NEC UPD17072 Datasheet HTML 86Page - NEC UPD17072 Datasheet HTML 87Page - NEC UPD17072 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
µPD17072,17073
84
Figure 12-2. Configuration of Basic Timer 0 Carry Register
12.2.3 Application example of basic timer 0
An example of a program in which the basic timer 0 is used is shown below.
In this example, processing A is executed every 1 second.
Example
M1
MEM 1.10H
; 1-second counter, set to bank 1
LOOP:
BANK1
SKT1
BTM0CY
; Branches to NEXT if BTM0CY flag is “0”
BR
NEXT
ADD
M1, #0010B
; Adds 2 to M1
SKT1
CY
; Executes processing A if CY flag is “1”
BR
NEXT
; Branches to NEXT if CY flag is “0”
Processing A
NEXT:
Processing B
BR
LOOP
; Executes processing B and branches to LOOP
Name
Flag symbol
b3
b2
b1
b0
Address
Read/
Write
Basic timer 0 carry register
00
0
B
T
M
0
C
Y
(BANK1)
51H
R&Reset
Detects status of flip-flop.
Flip-flop is not set.
0
Flip-flop is set.
1
Fixed to "0".
Power-ON
Clock stop
CE
At
reset
000
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com