Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 74 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 74 Page - NEC

Back Button UPD17072 Datasheet HTML 70Page - NEC UPD17072 Datasheet HTML 71Page - NEC UPD17072 Datasheet HTML 72Page - NEC UPD17072 Datasheet HTML 73Page - NEC UPD17072 Datasheet HTML 74Page - NEC UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC UPD17072 Datasheet HTML 77Page - NEC UPD17072 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 226 page
background image
µPD17072,17073
74
11.6.2 Timing to accept interrupt
Figure 11-8 is a timing chart illustrating how interrupts are accepted.
(1)
in this figure illustrate how one type of interrupt is accepted.
(a)
in (1) indicates the case where the interrupt request flag is set to “1” last, while (b) shows the case where
the interrupt enable flag is set to “1” last.
In either case, the interrupt is accepted after all the interrupt request flag, interrupt enable flip-flop, and interrupt
enable flag have been set.
If it is during the first instruction cycle of the “MOVT DBF, @AR” instruction or an instruction with the skip condition
satisfied that sets the last flag or flip-flop to “1”, the interrupt is accepted during the second instruction cycle of the
“MOVT DBF, @AR” instruction or when the skipped instruction (“NOP”) has been executed.
The interrupt enable flip-flop is set in the instruction cycle next to the one in which the “EI” instruction is executed.
(2) in Figure 11-8 shows the timing chart where two or more interrupts are used.
When using two or more interrupts, the interrupt given the highest hardware priority at that time is accepted if all
the interrupt enable flags are set. However, the hardware priority can be changed by manipulating the interrupt enable
flag through program.
“Interrupt cycle” in Figure 11-8 is a special cycle in which the interrupt request flag is clear, a vector address is
specified, and the contents of the program counter are saved after an interrupt has been accepted, and lasts for 53.3
µs, (normal operation) or one instruction execution time.
For details, refer to 11.7 Operations after Accepting Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com