Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 78 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 78 Page - NEC

Back Button UPD17072 Datasheet HTML 74Page - NEC UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC UPD17072 Datasheet HTML 77Page - NEC UPD17072 Datasheet HTML 78Page - NEC UPD17072 Datasheet HTML 79Page - NEC UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC UPD17072 Datasheet HTML 82Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 226 page
background image
µPD17072,17073
78
11.8 Exiting from Interrupt Service Routine
To return to the service that was executed when the interrupt was accepted from the interrupt service routine, a
dedicated instruction “RETI” is used.
When this instruction is executed, the following processing is automatically executed in sequence:
(1) The contents of the address stack register specified by the stack pointer are restored to the program counter.
(2) The contents of the interrupt stack are restored to the lower 1 bit of the bank register (BANK).
Caution If the contents of the program status word are saved in the program, its contents must be
restored to the program status word at the same time.
(3) The contents of the stack pointer are incremented by one.
The processing (1) through (3) above is executed in one instruction cycle during which the “RETI” instruction is
executed.
The only difference between the “RETI” and subroutine return instructions “RET” and “RETSK” is the restore
operation of each system register described in step (2) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com