Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 69 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 69 Page - NEC

Back Button UPD17072 Datasheet HTML 65Page - NEC UPD17072 Datasheet HTML 66Page - NEC UPD17072 Datasheet HTML 67Page - NEC UPD17072 Datasheet HTML 68Page - NEC UPD17072 Datasheet HTML 69Page - NEC UPD17072 Datasheet HTML 70Page - NEC UPD17072 Datasheet HTML 71Page - NEC UPD17072 Datasheet HTML 72Page - NEC UPD17072 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 226 page
background image
µPD17072,17073
69
11.2.2
Interrupt enable flag (IPxxx)
Each interrupt enable flag enables or disables the interrupt request of the corresponding peripheral hardware. So
that an interrupt is accepted, all the following three conditions must be satisfied:
• The interrupt must be enabled by the corresponding interrupt enable flag.
• The interrupt request must be issued from the corresponding interrupt request flag.
• The “EI” instruction (which enables all the interrupts) must be executed.
The interrupt enable flags are located on the interrupt enable registers on the register file.
Figure 11-5 shows the configuration and functions of the interrupt enable register.
Figure 11-5. Configuration of Interrupt Enable Register
Name
Flag symbol
Address
Read/
Write
(BANK1)
57H
R/W
I
P
Interrupt enable register
0
1
0000
0
0
Power-ON
Clock stop
CE
Enables interrupt from INT pin
Disables interrupt
Enables interrupt
b3
b2
b1
b0
0
1
0
1
Enables interrupt from serial interface
Fixed to 0
I
P
B
T
M
1
I
P
S
I
O
0
00
00
Enables interrupt from basic timer 1
Disables interrupt
Enables interrupt
Disables interrupt
Enables interrupt
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com