Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 67 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 67 Page - NEC

Back Button UPD17072 Datasheet HTML 63Page - NEC UPD17072 Datasheet HTML 64Page - NEC UPD17072 Datasheet HTML 65Page - NEC UPD17072 Datasheet HTML 66Page - NEC UPD17072 Datasheet HTML 67Page - NEC UPD17072 Datasheet HTML 68Page - NEC UPD17072 Datasheet HTML 69Page - NEC UPD17072 Datasheet HTML 70Page - NEC UPD17072 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 226 page
background image
µPD17072,17073
67
11.2 Interrupt Control Block
An interrupt control block is available for each peripheral hardware. Each of these blocks detects the presence/
absence of an interrupt request, enables/disables the interrupt, and generates a vector address when the interrupt
is accepted.
11.2.1 Interrupt request flag (IRQxxx)
The interrupt request flags are set to (1) when an interrupt request has been issued from the corresponding
peripheral hardware, and is cleared (0) when the interrupt has been accepted.
Therefore, even when the interrupt is not enabled, whether an interrupt request has been issued can be detected
by checking these interrupt request flags.
Writing “1” directly to an interrupt request flag is equivalent to issuance of an interrupt request.
Once this flag has been set, it will not be cleared until the corresponding interrupt has been accepted, or “0” is written
to the flag by an instruction.
If two or more interrupt requests are issued at the same time, the interrupt request flag corresponding to the interrupt
request that has not been accepted is not cleared.
The interrupt request flags are address 58H through 5AH of BANK1 of RAM.
Figures 11-2 through 11-4 show the configuration and functions of each interrupt request register.
Figure 11-2. Configuration of INT Pin Interrupt Request Register
Name
INT pin
interrupt request
register
Flag symbol
b3
b2
b1
b0
0
I
R
Q
0
0
Address
Read/
Write
(BANK1)
58H
R/W
Sets interrupt request issuing status of INT pin.
Interrupt request not issued.
Interrupt request issued.
0
1
Fixed to "0".
Power-ON
Clock stop
CE
At
reset
000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com