Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 3 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 3 Page - NEC

  UPD17072 Datasheet HTML 1Page - NEC UPD17072 Datasheet HTML 2Page - NEC UPD17072 Datasheet HTML 3Page - NEC UPD17072 Datasheet HTML 4Page - NEC UPD17072 Datasheet HTML 5Page - NEC UPD17072 Datasheet HTML 6Page - NEC UPD17072 Datasheet HTML 7Page - NEC UPD17072 Datasheet HTML 8Page - NEC UPD17072 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 226 page
background image
3
µPD17072,17073
Item
Function
Program memory (ROM)
• 6K bytes (3072
× 16 bits):
µPD17072
• 8K bytes (4096
× 16 bits):
µPD17073
• Table reference area: 4096
× 16 bits
General-purpose data memory
• 176
× 4 bits
(RAM)
General-purpose register: 16
× 4 bits
(fixed at 00H through 0FH of BANK0, shared with data buffers.)
LCD segment register
15
× 4 bits
Peripheral control register
32
× 4 bits
Instruction execution time
• 53.3
µs (with 75-kHz crystal resonator: normal operation)
• 106.6
µs (with 75-kHz crystal resonator: low-speed mode)
Selectable by software
Stack level
• Address stack: 2 levels (stack can be manipulated)
• Interrupt stack: 1 level (stack cannot be manipulated)
General-purpose port
• I/O port: 8
• Input port: 4
• Output port: 9
BEEP
• 1 type
• Selectable frequency (1.5 kHz, 3 kHz)
LCD controller/driver
• 15 segments, 4 commons
1/4 duty, 1/2 bias, frame frequency of 62.5 Hz, drive voltage VLCD1 = 3.1 V (TYP.)
Serial interface
• 1 channel (Serial I/O mode)
3-wire/2-wire mode selectable
A/D converter
4 bits
× 2 channels (successive approximation via software)
Interrupt
• 3 channels (maskable interrupt)
External interrupt: 1 (INT pin)
Internal interrupt: 2 (basic timer 1, serial interface)
Timer
• 2 channels
Basic timer 0: 125 ms
Basic timer 1: 8 ms, 32 ms
Reset
• Power-ON reset (on power application)
• Reset by CE pin (CE pin: low level
→ high level)
• Power failure detection function
PLL
Division method
• Direct division method
(VCOL pin: 8 MHz MAX.)
frequency
• Pulse swallow method
(VCOL pin: 55 MHz MAX.)
synthesizer
(VCOH pin: 230 MHz MAX.)
Reference
• 6 types selectable by program
frequency
1, 3, 5, 6.25, 12.5, 25 kHz
Charge pump
Error out output: 1 line (EO pin)
Phase comparator
Unlock detectable by program
Frequency counter
• Frequency measurement
P0D3/FMIFC/AMIFC pin: FMIF mode, 10 to 11 MHz
P0D3/FMIFC/AMIFC pin: AMIF mode
400 to 500 kHz
P0D2/AMIFC pin
Supply voltage
VDD = 1.8 to 3.6 V
Package
• 56-pin plastic QFP (10
× 10 mm, 0.65-mm pitch)
• 64-pin plastic TQFP (10
× 10 mm, 0.5-mm pitch)
FUNCTION OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com