Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 99 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 99 Page - NEC

Back Button UPD17072 Datasheet HTML 95Page - NEC UPD17072 Datasheet HTML 96Page - NEC UPD17072 Datasheet HTML 97Page - NEC UPD17072 Datasheet HTML 98Page - NEC UPD17072 Datasheet HTML 99Page - NEC UPD17072 Datasheet HTML 100Page - NEC UPD17072 Datasheet HTML 101Page - NEC UPD17072 Datasheet HTML 102Page - NEC UPD17072 Datasheet HTML 103Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 226 page
background image
µPD17072,17073
99
13.2 Setting A/D Converter Power Supply
The
µPD17073 has a power supply for the A/D converter. This power supply is also used for LCD display.
When using the A/D converter, therefore, the A/D converter power supply must be set to ON by using the ADCON
flag of the LCD driver display start register.
Figure 13-2 shows the configuration and function of the LCD driver display start register.
Figure 13-2. Configuration of LCD Driver Display Start Register
Remark
R: Retained
Cautions 1. When the LCD display is ON (LCDEN = 1), the A/D converter power supply is ON regardless
of the setting of the ADCON flag.
2. Bit 3 of the LCD driver display start register is a test mode area. Therefore, do not write “1”
to this bit.
0
1
0
1
Flag symbol
b3
0
b2
0
b1
A
D
C
O
N
b0
L
C
D
E
N
Name
Address
(BANK1)
50H
Read/
Write
R/W
Turns ON/OFF A/D converter power supply and all LCD displays
A/D converter power supply OFF, LCD display OFF
A/D converter power supply ON, LCD display ON
A/D converter power supply ON, LCD display OFF
A/D converter power supply ON, LCD display ON
0
0
1
1
Fixed to “0”.
0
0
R
0
0
0
0
0
LCD driver display
start register
Power-ON
Clock stop
CE
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com