Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 102 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 102 Page - NEC

Back Button UPD17072 Datasheet HTML 98Page - NEC UPD17072 Datasheet HTML 99Page - NEC UPD17072 Datasheet HTML 100Page - NEC UPD17072 Datasheet HTML 101Page - NEC UPD17072 Datasheet HTML 102Page - NEC UPD17072 Datasheet HTML 103Page - NEC UPD17072 Datasheet HTML 104Page - NEC UPD17072 Datasheet HTML 105Page - NEC UPD17072 Datasheet HTML 106Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
µPD17072,17073
102
13.4 Compare Voltage Generator Block and Compare Block
Figure 13-5 shows the configuration of the compare voltage generator block and compare block.
The compare voltage generator block switches over the tap decoder by using 4-bit data set to the A/D converter
reference voltage setting register to generate 16 steps of compare voltage VREF.
In other words, this block is an R-string D/A converter.
The power source of the R string is the same as VDD that is supplied to the device.
The compare block judges which of the voltage VADCIN input from a pin and compare voltage VREF is greater.
Data is compared by the comparator as soon as the ADCSTRT flag has been written to. One compare time of
the A/D converter is equal to two instruction execution times (106.6
µs in normal operation mode, and 213.2 µs in
the low-speed mode).
By reading the content of the ADCSTRT flag, the current operating status of the comparator can be checked.
The compare result is detected by the ADCCMP flag.
Figure 13-6 shows the configuration and function of the A/D converter compare start register.
Figures 13-7 and 13-8 show the configuration and function of the A/D converter compare result detection register
and A/D converter reference voltage setting register. Table 13-1 lists the compare voltages.
Figure 13-5. Configuration of Compare Voltage Generator Block and Compare Block
A/D converter
reference voltage
setting register
(ADCR)
Tap decoder
VDD
VADCIN
VREF
2pF
Comparator
1/2 VDD
RR
ADCCMP
flag
_
+
01
E
F
2
1
R
2
1
R
Write to ADCSTRT flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com