Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 77 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 77 Page - NEC

Back Button UPD17072 Datasheet HTML 73Page - NEC UPD17072 Datasheet HTML 74Page - NEC UPD17072 Datasheet HTML 75Page - NEC UPD17072 Datasheet HTML 76Page - NEC UPD17072 Datasheet HTML 77Page - NEC UPD17072 Datasheet HTML 78Page - NEC UPD17072 Datasheet HTML 79Page - NEC UPD17072 Datasheet HTML 80Page - NEC UPD17072 Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 226 page
background image
µPD17072,17073
77
11.7 Operations after Accepting Interrupt
When an interrupt has been accepted, the following processing is automatically executed in sequence:
(1) The interrupt enable flip-flop and the interrupt request flag corresponding to the accepted interrupt request
are cleared to “0”. Therefore, the interrupt is disabled.
(2) The contents of the stack pointer are decremented by one.
(3) The contents of the program counter are saved to the address stack register specified by the stack pointer.
At this time, the content of the program counter is the program memory address next to the one at which the
interrupt has been accepted.
For example, if the interrupt has been accepted while a branch instruction is executed, the branch destination
address is loaded to the program counter. If a subroutine call instruction is executed when the interrupt has
been accepted, the address that called the subroutine is loaded to the program counter. When the skip
condition of a skip instruction is satisfied, the next instruction is treated as a no-operation instruction (“NOP”)
and then the interrupt is accepted. Consequently, the contents of the program counter are the skipped address.
(4) The lower 1 bit of the bank register (BANK) is saved to the interrupt stack.
Caution At this time, the contents of the program status word (PSWORD) are not saved. Save the
contents of the program status word by software as necessary.
(5) The contents of the vector address generator corresponding to the accepted interrupt are transferred to the
program counter. Therefore, the execution branches to an interrupt service routine.
The above steps (1) through (5) are executed in one special instruction cycle (53.3
µs: normal operation) that does
not involve execution of an ordinary instruction. This instruction cycle is called an interrupt cycle.
Therefore, it takes the CPU one instruction cycle to branch to the corresponding vector address after it has accepted
an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com